| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F303VE Fiches technique(PDF) 48 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F303VE Fiches technique(HTML) 48 Page - STMicroelectronics |
|
48 / 184 page ![]() Pinouts and pin description STM32F303xD STM32F303xE 48/184 DocID026415 Rev 4 37 63 E12 F4 96 PC6 I/O FT - EVENTOUT, TIM3_CH1, TIM8_CH1, I2S2_MCK, COMP6_OUT - 38 64 E11 F2 97 PC7 I/O FT - EVENTOUT, TIM3_CH2, TIM8_CH2, I2S3_MCK, COMP5_OUT - 39 65 E10 F1 98 PC8 I/O FT - EVENTOUT, TIM3_CH3, TIM8_CH3, COMP3_OUT - 40 66 D12 F3 99 PC9 I/O FTf - EVENTOUT, TIM3_CH4, I2C3_SDA, TIM8_CH4, I2SCKIN, TIM8_BKIN2 - 41 67 D11 F5 100 PA8 I/O FTf - MCO, I2C3_SCL, I2C2_SMBAL, I2S2_MCK, TIM1_CH1, USART1_CK, COMP3_OUT, TIM4_ETR, EVENTOUT - 42 68 D10 E5 101 PA9 I/O FTf - I2C3_SMBAL, TSC_G4_IO1, I2C2_SCL, I2S3_MCK, TIM1_CH2, USART1_TX, COMP5_OUT, TIM15_BKIN, TIM2_CH3, EVENTOUT - 43 69 C12 E1 102 PA10 I/O FTf - TIM17_BKIN, TSC_G4_IO2, I2C2_SDA, SPI2_MISO/I2S2ext_SD, TIM1_CH3, USART1_RX, COMP6_OUT, TIM2_CH4, TIM8_BKIN, EVENTOUT - 44 70 B12 E2 103 PA11 I/O FT - SPI2_MOSI/I2S2_SD, TIM1_CH1N, USART1_CTS, COMP1_OUT, CAN_RX, TIM4_CH1, TIM1_CH4, TIM1_BKIN2, EVENTOUT USB_DM Table 13. STM32F303xD/E pin definitions (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |