| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F401CB Fiches technique(PDF) 51 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F401CB Fiches technique(HTML) 51 Page - STMicroelectronics |
|
51 / 134 page ![]() Memory mapping STM32F401xB STM32F401xC 51/134 DocID024738 Rev 5 Table 10. STM32F401xB/STM32F401xC register boundary addresses Bus Boundary address Peripheral 0xE010 0000 - 0xFFFF FFFF Reserved Cortex®-M4 0xE000 0000 - 0xE00F FFFF Cortex-M4 internal peripherals 0x5004 0000 - 0xDFFF FFFF Reserved AHB2 0x5000 0000 - 0x5003 FFFF USB OTG FS AHB1 0x4002 6800 - 0x4FFF FFFF Reserved 0x4002 6400 - 0x4002 67FF DMA2 0x4002 6000 - 0x4002 63FF DMA1 0x4002 5000 - 0x4002 4FFF Reserved 0x4002 3C00 - 0x4002 3FFF Flash interface register 0x4002 3800 - 0x4002 3BFF RCC 0x4002 3400 - 0x4002 37FF Reserved 0x4002 3000 - 0x4002 33FF CRC 0x4002 2000 - 0x4002 2FFF Reserved 0x4002 1C00 - 0x4002 1FFF GPIOH 0x4002 1400 - 0x4002 1BFF Reserved 0x4002 1000 - 0x4002 13FF GPIOE 0x4002 0C00 - 0x4002 0FFF GPIOD 0x4002 0800 - 0x4002 0BFF GPIOC 0x4002 0400 - 0x4002 07FF GPIOB 0x4002 0000 - 0x4002 03FF GPIOA |