Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST25TA02K-P Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce ST25TA02K-P
Description  NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and General Purpose Digital Output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA02K-P Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button ST25TA02K-P Datasheet HTML 12Page - STMicroelectronics ST25TA02K-P Datasheet HTML 13Page - STMicroelectronics ST25TA02K-P Datasheet HTML 14Page - STMicroelectronics ST25TA02K-P Datasheet HTML 15Page - STMicroelectronics ST25TA02K-P Datasheet HTML 16Page - STMicroelectronics ST25TA02K-P Datasheet HTML 17Page - STMicroelectronics ST25TA02K-P Datasheet HTML 18Page - STMicroelectronics ST25TA02K-P Datasheet HTML 19Page - STMicroelectronics ST25TA02K-P Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 64 page
background image
Signal descriptions
ST25TA02K-P
16/64
DocID027794 Rev 2
2.4.4
INT Interrupt configuration (GPO field = 0x40 or 0xC0)
The RF host can send a positive pulse on the GPO pad. The GPO pad goes to high state at
the end of the command and goes to the low state at the end of the ST25TA02K-P response
(see Figure 8).
During an RF session, when ST25TA02K-P receives a valid Interrupt command,
ST25TA02K-P GPO pin is driven high after (1.). Then GPO pin is released at the end of the
response (2.).
Figure 8. GPO configured as INT (GPO field = 0x40 or 0xC0)
1. CmdEOFtoGPhigh (RF command End of frame to GPO high)
2. RespEOFtoGPlow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64