Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST25TA02K-P Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce ST25TA02K-P
Description  NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and General Purpose Digital Output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA02K-P Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button ST25TA02K-P Datasheet HTML 9Page - STMicroelectronics ST25TA02K-P Datasheet HTML 10Page - STMicroelectronics ST25TA02K-P Datasheet HTML 11Page - STMicroelectronics ST25TA02K-P Datasheet HTML 12Page - STMicroelectronics ST25TA02K-P Datasheet HTML 13Page - STMicroelectronics ST25TA02K-P Datasheet HTML 14Page - STMicroelectronics ST25TA02K-P Datasheet HTML 15Page - STMicroelectronics ST25TA02K-P Datasheet HTML 16Page - STMicroelectronics ST25TA02K-P Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
DocID027794 Rev 2
13/64
ST25TA02K-P
Signal descriptions
2.4.1
Session Open configuration (GPO field = 0x10 or 0x90)
When the GPO is configured as "Session Open", it goes to the high state when an RF
session is ongoing (see Figure 5).
An RF session is taken when ST25TA02K-P receives a valid Select Application. The
session is released when:
•
ST25TA02K-P receives a valid Deselect command
•
RF field becomes OFF
GPO is driven high after a delay (1.) when the session is open.
GPO is released after a delay (2.) when the session is released.
Figure 5. GPO configured as Session Open (GPO field = 0x10 or 0x90)
1. CmdEOFtoGPhigh (RF command End of frame to GPORF Session pad high)
2. CmdEOFtoGPlow (RF command End of frame to GPORF Session pad low)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64