Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SRTAG512L Fiches technique(PDF) 46 Page - STMicroelectronics

No de pièce SRTAG512L
Description  NFC Forum Type 4 Tag IC with 512 bits EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRTAG512L Fiches technique(HTML) 46 Page - STMicroelectronics

Back Button SRTAG512L Datasheet HTML 42Page - STMicroelectronics SRTAG512L Datasheet HTML 43Page - STMicroelectronics SRTAG512L Datasheet HTML 44Page - STMicroelectronics SRTAG512L Datasheet HTML 45Page - STMicroelectronics SRTAG512L Datasheet HTML 46Page - STMicroelectronics SRTAG512L Datasheet HTML 47Page - STMicroelectronics SRTAG512L Datasheet HTML 48Page - STMicroelectronics SRTAG512L Datasheet HTML 49Page - STMicroelectronics SRTAG512L Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 51 page
background image
UID: Unique identifier
SRTAG512L
46/51
DocID027439 Rev 2
8
UID: Unique identifier
The SRTAG512L is uniquely identified by a 7 bytes unique identifier (UID). The UID is a
read-only code and comprises:
•
The IC manufacturer code on 1 byte (0x02 for STMicroelectronics).
•
The Product code on 1 byte.
•
A device number on 5 bytes.
Table 54 describes the UID format.
Table 54. UID format
0x02
0xE5
5 bytes
IC manufacturer code
SRTAG512L product code
Device number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51