Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SRTAG512L Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce SRTAG512L
Description  NFC Forum Type 4 Tag IC with 512 bits EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRTAG512L Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button SRTAG512L Datasheet HTML 19Page - STMicroelectronics SRTAG512L Datasheet HTML 20Page - STMicroelectronics SRTAG512L Datasheet HTML 21Page - STMicroelectronics SRTAG512L Datasheet HTML 22Page - STMicroelectronics SRTAG512L Datasheet HTML 23Page - STMicroelectronics SRTAG512L Datasheet HTML 24Page - STMicroelectronics SRTAG512L Datasheet HTML 25Page - STMicroelectronics SRTAG512L Datasheet HTML 26Page - STMicroelectronics SRTAG512L Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 51 page
background image
DocID027439 Rev 2
23/51
SRTAG512L
RF command sets
There are two kinds of R-Blocks:
•
R(ACK): the acknowledgment block sent by the RF host or by the SRTAG512L
•
R(NAK): the non-acknowledgment block sent by the RF host
Table 15. R-Block format
NFC frame
SoD
EoD
PCB
DID
Payload
CRC
Length
1 byte
1 byte
0 byte
2 bytes
R(ACK) without the DID field: 0xA2 or 0xA3
R(ACK) with the DID field: 0xAA or 0xAB
R(NAK) without the DID field: 0xB2 or 0xB3
R(NAK) with the DID field: 0xBA or 0xBB
DID field (optional)
-
2 CRC bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51