Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M95080-DWMF4TG Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce M95080-DWMF4TG
Description  Automotive 8-Kbit serial SPI bus EEPROMs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95080-DWMF4TG Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button M95080-DWMF4TG Datasheet HTML 27Page - STMicroelectronics M95080-DWMF4TG Datasheet HTML 28Page - STMicroelectronics M95080-DWMF4TG Datasheet HTML 29Page - STMicroelectronics M95080-DWMF4TG Datasheet HTML 30Page - STMicroelectronics M95080-DWMF4TG Datasheet HTML 31Page - STMicroelectronics M95080-DWMF4TG Datasheet HTML 32Page - STMicroelectronics M95080-DWMF4TG Datasheet HTML 33Page - STMicroelectronics M95080-DWMF4TG Datasheet HTML 34Page - STMicroelectronics M95080-DWMF4TG Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
DocID024205 Rev 8
31/42
M95080-A125 M95080-A145
DC and AC parameters
41
Table 14. DC characteristics (voltage range R, temperature range 3)
Symbol
Parameter
Test conditions
(in addition to conditions specified
in Table 11)
Min.
Max.
Unit
COUT(3) Output capacitance (Q)
VOUT = 0 V
-
8
pF
CIN(3)
Input capacitance
VIN = 0 V
-
6
ILI
Input leakage current
VIN = VSS or VCC
-2
µA
ILO
Output leakage current
S = VCC, VOUT = VSS or VCC
-3
ICC
Supply current (Read)
VCC = 1.7 V, C = 0.1 VCC/0.9 VCC,
Q = open, fC = 5 MHz
-2
mA
VCC = 2.5 V, C = 0.1 VCC/0.9 VCC,
Q = open, fC = 10 MHz
-2
VCC = 5.5 V, fC = 20 MHz(1)
C = 0.1 VCC/0.9 VCC, Q = open
-5
ICC0(2) Supply current (Write)
1.7 V
≤ VCC < 5.5 V during tW,
S = VCC
-2(3)
mA
ICC1
Supply current (Standby mode)
t° = 85 °C, VCC = 1.7 V,
S = VCC, VIN = VSS or VCC
-1
µA
t° = 85 °C, VCC = 2.5 V,
S = VCC, VIN = VSS or VCC
-2
t° = 85 °C, VCC = 5.5 V,
S = VCC, VIN = VSS or VCC
-3
t° = 125 °C, VCC = 1.7 V,
S = VCC, VIN = VSS or VCC
-15
t° = 125 °C, VCC = 2.5 V,
S = VCC, VIN = VSS or VCC
-15
t° = 125 °C, VCC = 5.5 V,
S = VCC, VIN = VSS or VCC
-20
VIL
Input low voltage
1.7 V
≤ VCC < 2.5 V
–0.45
0.25 VCC
V
2.5 V
≤ VCC < 5.5 V
–0.45
0.3 VCC
VIH
Input high voltage
1.7 V
≤ VCC < 2.5 V
0.75 VCC
VCC+ 1
V
2.5 V
≤ VCC < 5.5 V
0.7 VCC
VCC+ 1
VOL
Output low voltage
VCC = 1.7 V, IOL = 1 mA
-
0.3
V
VCC ≥ 2.5 V, IOL = 2 mA
-
0.4
VOH
Output high voltage
VCC = 1.7 V, IOH = 1 mA
0.8 VCC
-
V
VCC ≥ 2.5 V, IOH = -2 mA
0.8 VCC
-
VRES(3) Internal reset threshold voltage
-
0.5
1.5
V
1. When –40 °C < t° < 85 °C.
2. Average value during the Write cycle (tW)
3. Characterized only, not 100% tested



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com