Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M95080-DWMF4TG Fiches technique(PDF) 29 Page - STMicroelectronics

No de pièce M95080-DWMF4TG
Description  Automotive 8-Kbit serial SPI bus EEPROMs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95080-DWMF4TG Fiches technique(HTML) 29 Page - STMicroelectronics

Back Button M95080-DWMF4TG Datasheet HTML 25Page - STMicroelectronics M95080-DWMF4TG Datasheet HTML 26Page - STMicroelectronics M95080-DWMF4TG Datasheet HTML 27Page - STMicroelectronics M95080-DWMF4TG Datasheet HTML 28Page - STMicroelectronics M95080-DWMF4TG Datasheet HTML 29Page - STMicroelectronics M95080-DWMF4TG Datasheet HTML 30Page - STMicroelectronics M95080-DWMF4TG Datasheet HTML 31Page - STMicroelectronics M95080-DWMF4TG Datasheet HTML 32Page - STMicroelectronics M95080-DWMF4TG Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
DocID024205 Rev 8
29/42
M95080-A125 M95080-A145
DC and AC parameters
41
8
DC and AC parameters
This section summarizes the operating conditions and the DC/AC characteristics of the
device.
Table 9. Cycling performance by byte
Symbol
Parameter
Test condition
Min.
Max.
Unit
Ncycle
Write cycle endurance
TA
≤ 25 °C, 1.7 V < VCC < 5.5 V
-
4,000,000
Write
cycle(1)
TA = 85 °C, 1.7 V < VCC < 5.5 V
-
1,200,000
TA = 125 °C, 1.7 V < VCC < 5.5 V
-
600,000
TA = 145 °C(2), 2.5 V < VCC < 5.5 V
-
400,000
1. A Write cycle is executed when either a Page Write, a Byte Write, a WRSR, a WRID or an LID instruction is decoded.
2. For temperature range 4 only.
Table 10. Operating conditions (voltage range W, temperature range 4)
Symbol
Parameter
Conditions
Min.
Max.
Unit
VCC
Supply voltage
-
2.5
5.5
V
TA
Ambient operating temperature
-
–40
145
°C
fC
Operating clock frequency
5.5 V
≥ VCC ≥ 2.5 V,
capacitive load on Q pin
≤100pF
-10
MHz
Table 11. Operating conditions (voltage range R, temperature range 3)
Symbol
Parameter
Conditions
Min.
Max.
Unit
VCC
Supply voltage
-
1.7
5.5
V
TA
Ambient operating temperature
-
–40
125
°C
fC
Operating clock frequency
VCC ≥ 2.5 V, capacitive load on Q pin ≤100pF
-
10
MHz
VCC ≥ 1.7 V, capacitive load on Q pin ≤100pF
-
5
Table 12. Operating conditions (voltage range R, temperature range 3)
for high-speed communications
Symbol
Parameter
Conditions
Min.
Max.
Unit
VCC
Supply voltage
-
4.5
5.5
V
TA
Ambient operating temperature
-
–40
85
°C
fC
Operating clock frequency
VCC ≥ 4.5 V, capacitive load on Q pin ≤ 60 pF
-
20
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com