Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M24C16-DFCU6TP Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce M24C16-DFCU6TP
Description  16-Kbit serial I²C bus EEPROM 4 balls CSP
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C16-DFCU6TP Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button M24C16-DFCU6TP Datasheet HTML 27Page - STMicroelectronics M24C16-DFCU6TP Datasheet HTML 28Page - STMicroelectronics M24C16-DFCU6TP Datasheet HTML 29Page - STMicroelectronics M24C16-DFCU6TP Datasheet HTML 30Page - STMicroelectronics M24C16-DFCU6TP Datasheet HTML 31Page - STMicroelectronics M24C16-DFCU6TP Datasheet HTML 32Page - STMicroelectronics M24C16-DFCU6TP Datasheet HTML 33Page - STMicroelectronics M24C16-DFCU6TP Datasheet HTML 34Page - STMicroelectronics M24C16-DFCU6TP Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
DocID026468 Rev 2
31/35
M24C16-DFCU
Package mechanical data
34
10
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 12. WLCSP 4-bump wafer-level chip-scale package outline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35