Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M24C16-DFCU6TP Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce M24C16-DFCU6TP
Description  16-Kbit serial I²C bus EEPROM 4 balls CSP
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C16-DFCU6TP Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button M24C16-DFCU6TP Datasheet HTML 18Page - STMicroelectronics M24C16-DFCU6TP Datasheet HTML 19Page - STMicroelectronics M24C16-DFCU6TP Datasheet HTML 20Page - STMicroelectronics M24C16-DFCU6TP Datasheet HTML 21Page - STMicroelectronics M24C16-DFCU6TP Datasheet HTML 22Page - STMicroelectronics M24C16-DFCU6TP Datasheet HTML 23Page - STMicroelectronics M24C16-DFCU6TP Datasheet HTML 24Page - STMicroelectronics M24C16-DFCU6TP Datasheet HTML 25Page - STMicroelectronics M24C16-DFCU6TP Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
Initial delivery state
M24C16-DFCU
22/35
DocID026468 Rev 2
7
Initial delivery state
The device is delivered as follows:
• The memory array is set to all 1s (each byte = FFh).
• Identification page: the first three bytes define the Device identification code (value defined
in Table 4). The content of the following bytes is Don’t Care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35