Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ALED6001 Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce ALED6001
Description  Automotive-grade PWM-dimmable single channel LED driver with integrated boost controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ALED6001 Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button ALED6001 Datasheet HTML 14Page - STMicroelectronics ALED6001 Datasheet HTML 15Page - STMicroelectronics ALED6001 Datasheet HTML 16Page - STMicroelectronics ALED6001 Datasheet HTML 17Page - STMicroelectronics ALED6001 Datasheet HTML 18Page - STMicroelectronics ALED6001 Datasheet HTML 19Page - STMicroelectronics ALED6001 Datasheet HTML 20Page - STMicroelectronics ALED6001 Datasheet HTML 21Page - STMicroelectronics ALED6001 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Device description
ALED6001
18/26
DocID026965 Rev 2
Figure 9. High-side dimming control by using a P-channel MOSFET
The regulation loop continuously compares the differential voltage drop with an internal
reference and adjusts the switching duty cycle accordingly. In order to provide design
flexibility and analog dimming capability, the internal feedback reference can be changed
through the ADIM pin. As visible in Figure 10, the reference voltage is proportional to the
voltage at the ADIM pin within a limited range.
Equation 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26