Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ALED6001 Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce ALED6001
Description  Automotive-grade PWM-dimmable single channel LED driver with integrated boost controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ALED6001 Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button ALED6001 Datasheet HTML 4Page - STMicroelectronics ALED6001 Datasheet HTML 5Page - STMicroelectronics ALED6001 Datasheet HTML 6Page - STMicroelectronics ALED6001 Datasheet HTML 7Page - STMicroelectronics ALED6001 Datasheet HTML 8Page - STMicroelectronics ALED6001 Datasheet HTML 9Page - STMicroelectronics ALED6001 Datasheet HTML 10Page - STMicroelectronics ALED6001 Datasheet HTML 11Page - STMicroelectronics ALED6001 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Recommended operating conditions
ALED6001
8/26
DocID026965 Rev 2
5
Recommended operating conditions
Table 5. Recommended operating conditions
Symbol
Parameter
Conditions
Min.
Max.
Unit
DC characteristics
VVIN
Supply input voltage range
5.5
36
V
VVDR
VDR pin Input voltage range
VDR and VIN shorted together
4.7
5.5
VVFBx
Feedback input common mode
voltage range
4.4
60
VFB
Feedback input differential mode
voltage range
VFBP to VFBN
30
300
mV
AC characteristics
fsw
Switching frequency
100
1000
kHz
fPWMI
Dimming frequency
0.1
20
tPWMI,en
Minimum PWMI pulse duration for
device enable (turn on)
PWMI input, fSW = 800 kHz
100
µs
tPWMI,dim
Minimum dimming on-time
PWMI input, fSW = 1 MHz
6
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com