| Moteur de recherche de fiches techniques de composants électroniques |
|
STR1550 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STR1550 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 9 page ![]() This is information on a product in full production. May 2014 DocID022364 Rev 5 1/9 9 STR1550 High voltage fast-switching NPN power transistor Datasheet - production data Figure 1. Internal schematic diagram Features • Excellent hFE linearity up to 50 mA • Miniature SOT-23 plastic package for surface mounting circuits • Tape and reel packaging • The PNP complementary type is STR2550 Applications • LED driving Description This device is a high voltage fast-switching NPN power transistor, manufactured using diffused collector planar technology for high switching speeds. It employs a base island structure with planar edge termination to enhance switching speeds, while maintaining a wide RBSOA. SOT-23 1 3 2 Table 1. Device summary Order code Marking Package Packing STR1550 1550 SOT-23 Tape and reel www.st.com |
Numéro de pièce similaire - STR1550 |
|
Description similaire - STR1550 |