Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STR1550 Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce STR1550
Description  High voltage fast-switching NPN power transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR1550 Fiches technique(HTML) 7 Page - STMicroelectronics

  STR1550 Datasheet HTML 1Page - STMicroelectronics STR1550 Datasheet HTML 2Page - STMicroelectronics STR1550 Datasheet HTML 3Page - STMicroelectronics STR1550 Datasheet HTML 4Page - STMicroelectronics STR1550 Datasheet HTML 5Page - STMicroelectronics STR1550 Datasheet HTML 6Page - STMicroelectronics STR1550 Datasheet HTML 7Page - STMicroelectronics STR1550 Datasheet HTML 8Page - STMicroelectronics STR1550 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
DocID022364 Rev 5
7/9
STR1550
Package mechanical data
Figure 10. SOT-23 recommended footprint (a)
Table 5. SOT-23 mechanical data
Dim.
mm
Min.
Typ.
Max.
A0.89
1.40
A1
0
0.10
B0.30
0.51
C
0.085
0.18
D2.75
3.04
e0.85
1.05
e1
1.70
2.10
E1.20
1.75
H2.10
3.00
L0.60
S0.35
0.65
L1
0.25
0.55
a0°
8°
a.
Dimensions are in mm.
2.89
0.95
0.48
0.97
0.99
SOT-23 footp_I



Html Pages

1 2 3 4 5 6 7 8 9