Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STLED25 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce STLED25
Description  5 channels step-up white LED driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED25 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button STLED25 Datasheet HTML 17Page - STMicroelectronics STLED25 Datasheet HTML 18Page - STMicroelectronics STLED25 Datasheet HTML 19Page - STMicroelectronics STLED25 Datasheet HTML 20Page - STMicroelectronics STLED25 Datasheet HTML 21Page - STMicroelectronics STLED25 Datasheet HTML 22Page - STMicroelectronics STLED25 Datasheet HTML 23Page - STMicroelectronics STLED25 Datasheet HTML 24Page - STMicroelectronics STLED25 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
STLED25
Application information
Doc ID 022323 Rev 3
21/30
7.2
Recommended PCB layout
The STLED25 is a high-frequency power switching device, so it requires a proper PCB
layout in order to obtain the necessary stability and optimize line/load regulation and output
voltage ripple. Input and output capacitors must be as close as possible to their relative pins.
Figure 20.
Top layer
Table 8.
Input and output capacitor
Manufacturer
Part number
Nominal
capacitance [µF]
Rated voltage [V]
TCC
Size [mm]
CIN
Murata
GRM155R60J155M
1.5
6.3
0402
Samsung
CL05A225MQ5NSKC
2.2
6.3
0402
COUT
Murata
GRM219R61A106ME47
10
10
0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30