Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STCF07 Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce STCF07
Description  High power buck-boost white LED driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF07 Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button STCF07 Datasheet HTML 18Page - STMicroelectronics STCF07 Datasheet HTML 19Page - STMicroelectronics STCF07 Datasheet HTML 20Page - STMicroelectronics STCF07 Datasheet HTML 21Page - STMicroelectronics STCF07 Datasheet HTML 22Page - STMicroelectronics STCF07 Datasheet HTML 23Page - STMicroelectronics STCF07 Datasheet HTML 24Page - STMicroelectronics STCF07 Datasheet HTML 25Page - STMicroelectronics STCF07 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
STCF07
Package mechanical data
Doc ID 16757 Rev 3
23/26
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A0.800.90
1.00
31.5
35.4
39.4
A1
0.02
0.05
0.8
2.0
A2
0.65
1.00
25.6
39.4
A3
0.20
7.9
b
0.18
0.25
0.307.1
9.8
11.8
D
3.85
4.00
4.15
151.6
157.5
163.4
D2
2.10
2.60
82.7
102.4
E
3.85
4.00
4.15
151.6
157.5
163.4
E2
2.10
2.60
82.7
102.4
e
0.50
19.7
L0.30
0.40
0.50
11.8
15.7
19.7
ddd
0.083.1
QFN16 (4 x 4) mechanical data
7653321A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26