Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC0804LCWM Fiches technique(PDF) 32 Page - Texas Instruments

No de pièce ADC0804LCWM
Description  Analog-to-Digital Converters
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

ADC0804LCWM Fiches technique(HTML) 32 Page - Texas Instruments

Back Button ADC0804LCWM Datasheet HTML 28Page - Texas Instruments ADC0804LCWM Datasheet HTML 29Page - Texas Instruments ADC0804LCWM Datasheet HTML 30Page - Texas Instruments ADC0804LCWM Datasheet HTML 31Page - Texas Instruments ADC0804LCWM Datasheet HTML 32Page - Texas Instruments ADC0804LCWM Datasheet HTML 33Page - Texas Instruments ADC0804LCWM Datasheet HTML 34Page - Texas Instruments ADC0804LCWM Datasheet HTML 35Page - Texas Instruments ADC0804LCWM Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
ADC0801, ADC0802, ADC0803, ADC0804, ADC0805
SNOSBI1C – NOVEMBER 2009 – REVISED JUNE 2015
www.ti.com
Figure 41. Sample Program for Figure 40 Interfacing Multiple ADC’s in an MC6800 System
Figure 42. Sample Program for Figure 40 Interfacing Multiple ADC’s in an MC6800 System
Note: In order for the microprocessor to service subroutines and interrupts, the stack pointer must be
dimensioned in the user’s program.
For amplification of DC input signals, a major system error is the input offset voltage of the amplifiers used for
the preamp. Figure 43 is a gain of 100 differential preamp whose offset voltage errors will be cancelled by a
zeroing subroutine which is performed by the INS8080A microprocessor system. The total allowable input offset
voltage error for this preamp is only 50 µV for /
⁄4 LSB error. This would obviously require very precise amplifiers.
The expression for the differential output voltage of the preamp is:
32
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: ADC0801 ADC0802 ADC0803 ADC0804 ADC0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56