| Moteur de recherche de fiches techniques de composants électroniques |
|
ADC0804LCWM Fiches technique(PDF) 30 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ADC0804LCWM Fiches technique(HTML) 30 Page - Texas Instruments |
|
30 / 56 page ![]() ADC0801, ADC0802, ADC0803, ADC0804, ADC0805 SNOSBI1C – NOVEMBER 2009 – REVISED JUNE 2015 www.ti.com Figure 38. ADC0801–MC6820 PIA Interface Figure 39. Sample Program for Figure 38 ADC0801–MC6820 PIA Interface The following schematic and sample subroutine (DATA IN) in Auto-Zeroed Differential Transducer Amplifier and ADC Converter section may be used to interface (up to) 8 ADC0801’s directly to the MC6800 CPU. This scheme can easily be extended to allow the interface of more converters. In this configuration the converters are (arbitrarily) located at HEX address 5000 in the MC6800 memory space. To save components, the clock signal is derived from just one RC pair on the first converter. This output drives the other ADCs. 30 Submit Documentation Feedback Copyright © 2009–2015, Texas Instruments Incorporated Product Folder Links: ADC0801 ADC0802 ADC0803 ADC0804 ADC0805 |