Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STCOM Fiches technique(PDF) 38 Page - STMicroelectronics

No de pièce STCOM
Description  Powerline communication and application system-on-chip
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCOM Fiches technique(HTML) 38 Page - STMicroelectronics

Back Button STCOM Datasheet HTML 34Page - STMicroelectronics STCOM Datasheet HTML 35Page - STMicroelectronics STCOM Datasheet HTML 36Page - STMicroelectronics STCOM Datasheet HTML 37Page - STMicroelectronics STCOM Datasheet HTML 38Page - STMicroelectronics STCOM Datasheet HTML 39Page - STMicroelectronics STCOM Datasheet HTML 40Page - STMicroelectronics STCOM Datasheet HTML 41Page - STMicroelectronics STCOM Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 58 page
background image
Pinout and pin description
STCOM
38/58
DocID028515 Rev 1
176
GPIO00_4
D
I/O
I
General purpose I/O, SPI1_MISO, AT1_CH_2,
FSMC_PCAD_16
177
EXPAD
S
-
-
Exposed pad - DGND
1. Type: D = digital; A = analog; S = supply/ground.
2. Direction: I = input; O = output; I/O = input/output, OD = open drain.
3. Reset status: I = input, I/O = input/output, O = output.
Table 7. Pin description (continued)
Pin
Pin name
Type(1) Dir.(2) RS(3)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58