Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STCOM Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce STCOM
Description  Powerline communication and application system-on-chip
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCOM Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button STCOM Datasheet HTML 2Page - STMicroelectronics STCOM Datasheet HTML 3Page - STMicroelectronics STCOM Datasheet HTML 4Page - STMicroelectronics STCOM Datasheet HTML 5Page - STMicroelectronics STCOM Datasheet HTML 6Page - STMicroelectronics STCOM Datasheet HTML 7Page - STMicroelectronics STCOM Datasheet HTML 8Page - STMicroelectronics STCOM Datasheet HTML 9Page - STMicroelectronics STCOM Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
Description
STCOM
6/58
DocID028515 Rev 1
1
Description
The STCOM is a device that integrates a power line communication (PLC) modem
and a high-performance application core.
The PLC modem architecture has been designed to target EN50065, FCC, ARIB compliant
PLC applications. Together with the application core, it enables the STCOM to support the
PRIME, G1, G3, IEEE 1901.2, METERS AND MORE® and other narrow band PLC protocol
specifications.
The STCOM basic block diagram is shown in Figure 1.
Figure 1. STCOM basic block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58