Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RPC564L60L5BOSR Fiches technique(PDF) 56 Page - STMicroelectronics

No de pièce RPC564L60L5BOSR
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC564L60L5BOSR Fiches technique(HTML) 56 Page - STMicroelectronics

Back Button RPC564L60L5BOSR Datasheet HTML 52Page - STMicroelectronics RPC564L60L5BOSR Datasheet HTML 53Page - STMicroelectronics RPC564L60L5BOSR Datasheet HTML 54Page - STMicroelectronics RPC564L60L5BOSR Datasheet HTML 55Page - STMicroelectronics RPC564L60L5BOSR Datasheet HTML 56Page - STMicroelectronics RPC564L60L5BOSR Datasheet HTML 57Page - STMicroelectronics RPC564L60L5BOSR Datasheet HTML 58Page - STMicroelectronics RPC564L60L5BOSR Datasheet HTML 59Page - STMicroelectronics RPC564L60L5BOSR Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 137 page
background image
Package pinouts and signal descriptions
RPC56EL60L5
56/137
DocID026934 Rev 1
K17
A[3]
SIUL
GPIO[3]
GPIO[3]
eTimer_0
ETC[3]
ETC[3]
DSPI_2
CS0
CS0
FlexPWM_0
B[3]
B[3]
MC_RGM
—
ABS[2]
SIUL
—
EIRQ[3]
L1
F[10]
SIUL
GPIO[90]
GPIO[90]
NPC
EVTO
—
L2
F[11]
SIUL
GPIO[91]
GPIO[91]
NPC
—
EVTI
L3
D[9]
SIUL
GPIO[57]
GPIO[57]
FlexPWM_0
X[0]
X[0]
LINFlexD_1
TXD
—
L4
Not connected
—
L6
VDD_LV
—
L7
VSS_LV
—
L8
VSS_LV
—
L9
VSS_LV
—
L10
VSS_LV
—
L11
VSS_LV
—
L12
VDD_LV
—
L14
Not connected
—
L15
TCK
—
L16
H[4]
SIUL
GPIO[116]
GPIO[116]
FlexPWM_1
X[0]
X[0]
eTimer_2
ETC[0]
ETC[0]
L17
B[4]
SIUL
GPIO[20]
GPIO[20]
JTAGC
TDO
—
M1
VDD_HV_OSC
—
M2
VDD_HV_IO_RING
—
M3
D[8]
SIUL
GPIO[56]
GPIO[56]
DSPI_1
CS2
—
eTimer_1
ETC[4]
ETC[4]
DSPI_0
CS5
—
FlexPWM_0
—
FAULT[3]
Table 4. LFBGA257 pin function summary (continued)
Pin #
Port/function
Peripheral
Output function
Input function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More