| Moteur de recherche de fiches techniques de composants électroniques |
|
RPC564L60L5BOSR Fiches technique(PDF) 53 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RPC564L60L5BOSR Fiches technique(HTML) 53 Page - STMicroelectronics |
|
53 / 137 page ![]() DocID026934 Rev 1 53/137 RPC56EL60L5 Package pinouts and signal descriptions 136 G1 H[3] SIUL GPIO[115] GPIO[115] NPC MDO[4] — G2 VDD_HV_IO_RING — G3 C[5] SIUL GPIO[37] GPIO[37] DSPI_0 SCK SCK SSCM DEBUG[5] — FlexPWM_0 — FAULT[3] SIUL — EIRQ[23] G4 A[6] SIUL GPIO[6] GPIO[6] DSPI_1 SCK SCK SIUL — EIRQ[6] G6 VDD_LV_CORE_RING — G7 VSS_LV_CORE_RING — G8 VSS_LV_CORE_RING — G9 VSS_LV_CORE_RING — G10 VSS_LV_CORE_RING — G11 VSS_LV_CORE_RING — G12 VDD_LV_CORE_RING — G14 D[12] SIUL GPIO[60] GPIO[60] FlexPWM_0 X[1] X[1] LINFlexD_1 — RXD G15 H[13] SIUL GPIO[125] GPIO[125] FlexPWM_1 X[3] X[3] eTimer_2 ETC[3] ETC[3] G16 H[9] SIUL GPIO[121] GPIO[121] FlexPWM_1 B[1] B[1] DSPI_0 CS7 — G17 G[6] SIUL GPIO[102] GPIO[102] FlexPWM_0 A[3] A[3] H1 G[13] SIUL GPIO[109] GPIO[109] NPC MDO[10] — H2 VSS_HV_IO_RING — Table 4. LFBGA257 pin function summary (continued) Pin # Port/function Peripheral Output function Input function |