Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RPC56EL60L5CFQR Fiches technique(PDF) 49 Page - STMicroelectronics

No de pièce RPC56EL60L5CFQR
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC56EL60L5CFQR Fiches technique(HTML) 49 Page - STMicroelectronics

Back Button RPC56EL60L5CFQR Datasheet HTML 45Page - STMicroelectronics RPC56EL60L5CFQR Datasheet HTML 46Page - STMicroelectronics RPC56EL60L5CFQR Datasheet HTML 47Page - STMicroelectronics RPC56EL60L5CFQR Datasheet HTML 48Page - STMicroelectronics RPC56EL60L5CFQR Datasheet HTML 49Page - STMicroelectronics RPC56EL60L5CFQR Datasheet HTML 50Page - STMicroelectronics RPC56EL60L5CFQR Datasheet HTML 51Page - STMicroelectronics RPC56EL60L5CFQR Datasheet HTML 52Page - STMicroelectronics RPC56EL60L5CFQR Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 137 page
background image
DocID026934 Rev 1
49/137
RPC56EL60L5
Package pinouts and signal descriptions
136
C2
Not connected
—
C3
VSS_HV_IO_RING
—
C4
FCCU_F[1]
FCCU
F[1]
F[1]
C5
D[2]
SIUL
GPIO[50]
GPIO[50]
eTimer_1
ETC[3]
ETC[3]
FlexPWM_0
X[3]
X[3]
FlexRay
—
CB_RX
C6
A[13]
SIUL
GPIO[13]
GPIO[13]
FlexPWM_0
B[2]
B[2]
DSPI_2
—
SIN
FlexPWM_0
—
FAULT[0]
SIUL
—
EIRQ[12]
C7
VDD_HV_REG_2
—
C8
VDD_HV_REG_2
—
C9
I[0]
SIUL
GPIO[128]
GPIO[128]
eTimer_2
ETC[0]
ETC[0]
DSPI_0
CS4
—
FlexPWM_1
—
FAULT[0]
C10
JCOMP
—
—
JCOMP
C11
H[11]
SIUL
GPIO[123]
GPIO[123]
FlexPWM_1
A[2]
A[2]
C12
I[1]
SIUL
GPIO[129]
GPIO[129]
eTimer_2
ETC[1]
ETC[1]
DSPI_0
CS5
—
FlexPWM_1
—
FAULT[1]
C13
F[14]
SIUL
GPIO[94]
GPIO[94]
LINFlexD_1
TXD
—
C14
B[1]
SIUL
GPIO[17]
GPIO[17]
eTimer_1
ETC[3]
ETC[3]
SSCM
DEBUG[1]
—
FlexCAN_0
—
RXD
FlexCAN_1
—
RXD
SIUL
—
EIRQ[16]
C15
VSS_HV_IO_RING
—
Table 4. LFBGA257 pin function summary (continued)
Pin #
Port/function
Peripheral
Output function
Input function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More