| Moteur de recherche de fiches techniques de composants électroniques |
|
RPC56EL60L5CFQR Fiches technique(PDF) 47 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RPC56EL60L5CFQR Fiches technique(HTML) 47 Page - STMicroelectronics |
|
47 / 137 page ![]() DocID026934 Rev 1 47/137 RPC56EL60L5 Package pinouts and signal descriptions 136 A11 H[10] SIUL GPIO[122] GPIO[122] FlexPWM_1 X[2] X[2] eTimer_2 ETC[2] ETC[2] A12 H[14] SIUL GPIO[126] GPIO[126] FlexPWM_1 A[3] A[3] eTimer_2 ETC[4] ETC[4] A13 A[10] SIUL GPIO[10] GPIO[10] DSPI_2 CS0 CS0 FlexPWM_0 B[0] B[0] FlexPWM_0 X[2] X[2] SIUL — EIRQ[9] A14 B[2] SIUL GPIO[18] GPIO[18] LINFlexD_0 TXD — SSCM DEBUG[2] — SIUL — EIRQ[17] A15 C[10] SIUL GPIO[42] GPIO[42] DSPI_2 CS2 — FlexPWM_0 A[3] A[3] FlexPWM_0 — FAULT[1] A16 VSS_HV_IO_RING — A17 VSS_HV_IO_RING — B1 VSS_HV_IO_RING — B2 VSS_HV_IO_RING — B3 B[6] SIUL GPIO[22] GPIO[22] MC_CGM clk_out — DSPI_2 CS2 — SIUL — EIRQ[18] B4 A[14] SIUL GPIO[14] GPIO[14] FlexCAN_1 TXD — eTimer_1 ETC[4] ETC[4] SIUL — EIRQ[13] B5 F[3] SIUL GPIO[83] GPIO[83] DSPI_0 CS6 — Table 4. LFBGA257 pin function summary (continued) Pin # Port/function Peripheral Output function Input function |