| Moteur de recherche de fiches techniques de composants électroniques |
|
RPC56EL60L5CFSY Fiches technique(PDF) 55 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RPC56EL60L5CFSY Fiches technique(HTML) 55 Page - STMicroelectronics |
|
55 / 137 page ![]() DocID026934 Rev 1 55/137 RPC56EL60L5 Package pinouts and signal descriptions 136 J12 VDD_LV — J14 VDD_LV — J15 VDD_HV_REG_1 — J16 VSS_HV_FLA — J17 H[15] SIUL GPIO[127] GPIO[127] FlexPWM_1 B[3] B[3] eTimer_2 ETC[5] ETC[5] K1 F[9] SIUL GPIO[89] GPIO[89] NPC MSEO[0] — K2 F[8] SIUL GPIO[88] GPIO[88] NPC MSEO[1] — K3 RDY NPC RDY — SIUL GPIO[132] GPIO[132] K4 C[7] SIUL GPIO[39] GPIO[39] FlexPWM_0 A[1] A[1] SSCM DEBUG[7] — DSPI_0 — SIN K6 VDD_LV — K7 VSS_LV — K8 VSS_LV — K9 VSS_LV — K10 VSS_LV — K11 VSS_LV — K12 VDD_LV — K14 Not connected — K15 H[8] SIUL GPIO[120] GPIO[120] FlexPWM_1 A[1] A[1] DSPI_0 CS6 — K16 H[7] SIUL GPIO[119] GPIO[119] FlexPWM_1 X[1] X[1] eTimer_2 ETC[1] ETC[1] Table 4. LFBGA257 pin function summary (continued) Pin # Port/function Peripheral Output function Input function |