Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RPC56EL60L5CFSY Fiches technique(PDF) 53 Page - STMicroelectronics

No de pièce RPC56EL60L5CFSY
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC56EL60L5CFSY Fiches technique(HTML) 53 Page - STMicroelectronics

Back Button RPC56EL60L5CFSY Datasheet HTML 49Page - STMicroelectronics RPC56EL60L5CFSY Datasheet HTML 50Page - STMicroelectronics RPC56EL60L5CFSY Datasheet HTML 51Page - STMicroelectronics RPC56EL60L5CFSY Datasheet HTML 52Page - STMicroelectronics RPC56EL60L5CFSY Datasheet HTML 53Page - STMicroelectronics RPC56EL60L5CFSY Datasheet HTML 54Page - STMicroelectronics RPC56EL60L5CFSY Datasheet HTML 55Page - STMicroelectronics RPC56EL60L5CFSY Datasheet HTML 56Page - STMicroelectronics RPC56EL60L5CFSY Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 137 page
background image
DocID026934 Rev 1
53/137
RPC56EL60L5
Package pinouts and signal descriptions
136
G1
H[3]
SIUL
GPIO[115]
GPIO[115]
NPC
MDO[4]
—
G2
VDD_HV_IO_RING
—
G3
C[5]
SIUL
GPIO[37]
GPIO[37]
DSPI_0
SCK
SCK
SSCM
DEBUG[5]
—
FlexPWM_0
—
FAULT[3]
SIUL
—
EIRQ[23]
G4
A[6]
SIUL
GPIO[6]
GPIO[6]
DSPI_1
SCK
SCK
SIUL
—
EIRQ[6]
G6
VDD_LV_CORE_RING
—
G7
VSS_LV_CORE_RING
—
G8
VSS_LV_CORE_RING
—
G9
VSS_LV_CORE_RING
—
G10
VSS_LV_CORE_RING
—
G11
VSS_LV_CORE_RING
—
G12
VDD_LV_CORE_RING
—
G14
D[12]
SIUL
GPIO[60]
GPIO[60]
FlexPWM_0
X[1]
X[1]
LINFlexD_1
—
RXD
G15
H[13]
SIUL
GPIO[125]
GPIO[125]
FlexPWM_1
X[3]
X[3]
eTimer_2
ETC[3]
ETC[3]
G16
H[9]
SIUL
GPIO[121]
GPIO[121]
FlexPWM_1
B[1]
B[1]
DSPI_0
CS7
—
G17
G[6]
SIUL
GPIO[102]
GPIO[102]
FlexPWM_0
A[3]
A[3]
H1
G[13]
SIUL
GPIO[109]
GPIO[109]
NPC
MDO[10]
—
H2
VSS_HV_IO_RING
—
Table 4. LFBGA257 pin function summary (continued)
Pin #
Port/function
Peripheral
Output function
Input function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More