Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RPC564L60L5BFSY Fiches technique(PDF) 74 Page - STMicroelectronics

No de pièce RPC564L60L5BFSY
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC564L60L5BFSY Fiches technique(HTML) 74 Page - STMicroelectronics

Back Button RPC564L60L5BFSY Datasheet HTML 70Page - STMicroelectronics RPC564L60L5BFSY Datasheet HTML 71Page - STMicroelectronics RPC564L60L5BFSY Datasheet HTML 72Page - STMicroelectronics RPC564L60L5BFSY Datasheet HTML 73Page - STMicroelectronics RPC564L60L5BFSY Datasheet HTML 74Page - STMicroelectronics RPC564L60L5BFSY Datasheet HTML 75Page - STMicroelectronics RPC564L60L5BFSY Datasheet HTML 76Page - STMicroelectronics RPC564L60L5BFSY Datasheet HTML 77Page - STMicroelectronics RPC564L60L5BFSY Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 137 page
background image
Package pinouts and signal descriptions
RPC56EL60L5
74/137
DocID026934 Rev 1
D[1]
PCR[49
]
SIUL
GPIO[49]
ALT0
GPIO[49]
—
—M
S
3
E3
eTimer_1
ETC[2]
ALT2
ETC[2]
PSMI[11];
PADSEL=
2
CTU_0
EXT_TGR
ALT3
—
—
FlexRay
—
—
CA_RX
—
D[2]
PCR[50
]
SIUL
GPIO[50]
ALT0
GPIO[50]
—
—M
S
140 C5
eTimer_1
ETC[3]
ALT2
ETC[3]
PSMI[12];
PADSEL=
1
FlexPWM_0
X[3]
ALT3
X[3]
PSMI[30];
PADSEL=
0
FlexRay
—
—
CB_RX
—
D[3]
PCR[51
]
SIUL
GPIO[51]
ALT0
GPIO[51]
—
—
SY
M
S128
A7
FlexRay
CB_TX
ALT1
—
—
eTimer_1
ETC[4]
ALT2
ETC[4]
PSMI[13];
PADSEL=
1
FlexPWM_0
A[3]
ALT3
A[3]
PSMI[23];
PADSEL=
2
D[4]
PCR[52
]
SIUL
GPIO[52]
ALT0
GPIO[52]
—
—
SY
M
S129
B7
FlexRay
CB_TR_E
N
ALT1
—
—
eTimer_1
ETC[5]
ALT2
ETC[5]
PSMI[14];
PADSEL=
2
FlexPWM_0
B[3]
ALT3
B[3]
PSMI[27];
PADSEL=
2
D[5]
PCR[53
]
SIUL
GPIO[53]
ALT0
GPIO[53]
—
—M
S
33
N3
DSPI_0
CS3
ALT1
—
—
FlexPWM_0
—
—
FAULT[2]
PSMI[18];
PADSEL=
0
Table 7. Pin muxing (continued)
Port
name
PCR
Peripheral
Alternate
output
function
Output
mux sel
Input
functions
Input
mux
select
Weak pull
config
during
reset
Pad
speed(1)
Pin #
SR
C
= 1
SR
C
= 0
144
pk
g
257
pk
g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More