| Moteur de recherche de fiches techniques de composants électroniques |
|
RPC564L60L5BFSY Fiches technique(PDF) 71 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RPC564L60L5BFSY Fiches technique(HTML) 71 Page - STMicroelectronics |
|
71 / 137 page ![]() DocID026934 Rev 1 71/137 RPC56EL60L5 Package pinouts and signal descriptions 136 B[14] PCR[30 ] SIUL — ALT0 GPI[30] — —— — 64 P11 eTimer_0 — — ETC[4] PSMI[7]; PADSEL= 2 SIUL — — EIRQ[19] — ADC_1 — — AN[1](3) — B[15] PCR[31 ] SIUL — ALT0 GPI[31] — —— — 62 R1 1 SIUL — — EIRQ[20] — ADC_1 — — AN[2](3) — Port C C[0] PCR[32 ] SIUL — ALT0 GPI[32] — —— — 66 R1 2 ADC_1 — — AN[3](3) — C[1] PCR[33 ] SIUL — ALT0 GPI[33] — —— — 41 T4 ADC_0 — — AN[2](3) — C[2] PCR[34 ] SIUL — ALT0 GPI[34] — —— — 45 U5 ADC_0 — — AN[3](3) — C[4] PCR[36 ] SIUL GPIO[36] ALT0 GPIO[36] — —M S 11 H3 DSPI_0 CS0 ALT1 CS0 — FlexPWM_0 X[1] ALT2 X[1] PSMI[28]; PADSEL= 0 SSCM DEBUG[4] ALT3 — — SIUL — — EIRQ[22] — C[5] PCR[37 ] SIUL GPIO[37] ALT0 GPIO[37] — —M S 13 G3 DSPI_0 SCK ALT1 SCK — SSCM DEBUG[5] ALT3 — — FlexPWM_0 — — FAULT[3] PSMI[19]; PADSEL= 0 SIUL — — EIRQ[23] — Table 7. Pin muxing (continued) Port name PCR Peripheral Alternate output function Output mux sel Input functions Input mux select Weak pull config during reset Pad speed(1) Pin # SR C = 1 SR C = 0 144 pk g 257 pk g |