| Moteur de recherche de fiches techniques de composants électroniques |
|
RPC56EL60L5COSY Fiches technique(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RPC56EL60L5COSY Fiches technique(HTML) 42 Page - STMicroelectronics |
|
42 / 137 page ![]() Package pinouts and signal descriptions RPC56EL60L5 42/137 DocID026934 Rev 1 104 G[3] SIUL GPIO[99] GPIO[99] FlexPWM_0 A[2] A[2] eTimer_0 — ETC[4] 105 D[14] SIUL GPIO[62] GPIO[62] FlexPWM_0 B[1] B[1] eTimer_0 — ETC[3] 106 F[12] SIUL GPIO[92] GPIO[92] eTimer_1 ETC[3] ETC[3] SIUL — EIRQ[30] 107 VPP_TEST (1) — 108 A[4] SIUL GPIO[4] GPIO[4] eTimer_1 ETC[0] ETC[0] DSPI_2 CS1 — eTimer_0 ETC[4] ETC[4] MC_RGM — FAB SIUL — EIRQ[4] 109 B[0] SIUL GPIO[16] GPIO[16] FlexCAN_0 TXD — eTimer_1 ETC[2] ETC[2] SSCM DEBUG[0] — SIUL — EIRQ[15] 110 B[1] SIUL GPIO[17] GPIO[17] eTimer_1 ETC[3] ETC[3] SSCM DEBUG[1] — FlexCAN_0 — RXD FlexCAN_1 — RXD SIUL — EIRQ[16] 111 C[10] SIUL GPIO[42] GPIO[42] DSPI_2 CS2 — FlexPWM_0 A[3] A[3] FlexPWM_0 — FAULT[1] 112 F[13] SIUL GPIO[93] GPIO[93] eTimer_1 ETC[4] ETC[4] SIUL — EIRQ[31] Table 3. LQFP144 pin function summary (continued) Pin # Port/function Peripheral Output function Input function |