| Moteur de recherche de fiches techniques de composants électroniques |
|
RPC56EL60L5COSY Fiches technique(PDF) 60 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RPC56EL60L5COSY Fiches technique(HTML) 60 Page - STMicroelectronics |
|
60 / 137 page ![]() Package pinouts and signal descriptions RPC56EL60L5 60/137 DocID026934 Rev 1 R16 D[11] SIUL GPIO[59] GPIO[59] FlexPWM_0 B[0] B[0] eTimer_0 — ETC[1] R17 G[9] SIUL GPIO[105] GPIO[105] FlexRay DBG1 — DSPI_1 CS1 — FlexPWM_0 — FAULT[1] SIUL — EIRQ[29] T1 VSS_HV_IO_RING — T2 VDD_HV_IO_RING — T3 Not connected — T4 C[1] SIUL — GPIO[33] ADC_0 — AN[2] T5 E[5] SIUL — GPIO[69] ADC_0 — AN[8] T6 E[7] SIUL — GPIO[71] ADC_0 — AN[6] T7 VSS_HV_ADR0 — T8 B[11] SIUL — GPIO[27] ADC_0 ADC_1 —AN[13] T9 VSS_HV_ADR1 — T10 E[9] SIUL — GPIO[73] ADC_1 — AN[7] T11 E[10] SIUL — GPIO[74] ADC_1 — AN[8] T12 E[12] SIUL — GPIO[76] ADC_1 — AN[6] T13 E[0] SIUL — GPIO[64] ADC_1 — AN[5] T14 A[0] SIUL GPIO[0] GPIO[0] eTimer_0 ETC[0] ETC[0] DSPI_2 SCK SCK SIUL — EIRQ[0] Table 4. LFBGA257 pin function summary (continued) Pin # Port/function Peripheral Output function Input function |