| Moteur de recherche de fiches techniques de composants électroniques |
|
RPC56EL60L5BOSY Fiches technique(PDF) 43 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RPC56EL60L5BOSY Fiches technique(HTML) 43 Page - STMicroelectronics |
|
43 / 137 page ![]() DocID026934 Rev 1 43/137 RPC56EL60L5 Package pinouts and signal descriptions 136 113 F[15] SIUL GPIO[95] GPIO[95] LINFlexD_1 — RXD 114 B[2] SIUL GPIO[18] GPIO[18] LINFlexD_0 TXD — SSCM DEBUG[2] — SIUL — EIRQ[17] 115 F[14] SIUL GPIO[94] GPIO[94] LINFlexD_1 TXD — 116 B[3] SIUL GPIO[19] GPIO[19] SSCM DEBUG[3] — LINFlexD_0 — RXD 117 E[13] SIUL GPIO[77] GPIO[77] eTimer_0 ETC[5] ETC[5] DSPI_2 CS3 — SIUL — EIRQ[25] 118 A[10] SIUL GPIO[10] GPIO[10] DSPI_2 CS0 CS0 FlexPWM_0 B[0] B[0] FlexPWM_0 X[2] X[2] SIUL — EIRQ[9] 119 E[14] SIUL GPIO[78] GPIO[78] eTimer_1 ETC[5] ETC[5] SIUL — EIRQ[26] 120 A[11] SIUL GPIO[11] GPIO[11] DSPI_2 SCK SCK FlexPWM_0 A[0] A[0] FlexPWM_0 A[2] A[2] SIUL — EIRQ[10] 121 E[15] SIUL GPIO[79] GPIO[79] DSPI_0 CS1 — SIUL — EIRQ[27] Table 3. LQFP144 pin function summary (continued) Pin # Port/function Peripheral Output function Input function |