| Moteur de recherche de fiches techniques de composants électroniques |
|
RPC56EL60L5BOSY Fiches technique(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RPC56EL60L5BOSY Fiches technique(HTML) 40 Page - STMicroelectronics |
|
40 / 137 page ![]() Package pinouts and signal descriptions RPC56EL60L5 40/137 DocID026934 Rev 1 78 D[11] SIUL GPIO[59] GPIO[59] FlexPWM_0 B[0] B[0] eTimer_0 — ETC[1] 79 G[9] SIUL GPIO[105] GPIO[105] FlexRay DBG1 — DSPI_1 CS1 — FlexPWM_0 — FAULT[1] SIUL — EIRQ[29] 80 C[11] SIUL GPIO[43] GPIO[43] eTimer_0 ETC[4] ETC[4] DSPI_2 CS2 — 81 G[8] SIUL GPIO[104] GPIO[104] FlexRay DBG0 — DSPI_0 CS1 — FlexPWM_0 — FAULT[0] SIUL — EIRQ[21] 82 C[12] SIUL GPIO[44] GPIO[44] eTimer_0 ETC[5] ETC[5] DSPI_2 CS3 — 83 G[7] SIUL GPIO[103] GPIO[103] FlexPWM_0 B[3] B[3] 84 A[2] SIUL GPIO[2] GPIO[2] eTimer_0 ETC[2] ETC[2] FlexPWM_0 A[3] A[3] DSPI_2 — SIN MC_RGM — ABS[0] SIUL — EIRQ[2] 85 G[5] SIUL GPIO[101] GPIO[101] FlexPWM_0 X[3] X[3] DSPI_2 CS3 — 86 B[5] SIUL GPIO[21] GPIO[21] JTAGC — TDI 87 TMS — 88 TCK — Table 3. LQFP144 pin function summary (continued) Pin # Port/function Peripheral Output function Input function |