Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R5973AD Fiches technique(PDF) 32 Page - STMicroelectronics

No de pièce R5973AD
Description  Up to 1.5 A step-down switching regulator for aerospace applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R5973AD Fiches technique(HTML) 32 Page - STMicroelectronics

Back Button R5973AD Datasheet HTML 28Page - STMicroelectronics R5973AD Datasheet HTML 29Page - STMicroelectronics R5973AD Datasheet HTML 30Page - STMicroelectronics R5973AD Datasheet HTML 31Page - STMicroelectronics R5973AD Datasheet HTML 32Page - STMicroelectronics R5973AD Datasheet HTML 33Page - STMicroelectronics R5973AD Datasheet HTML 34Page - STMicroelectronics R5973AD Datasheet HTML 35Page - STMicroelectronics R5973AD Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
Application information
R5973AD
32/38
DocID027027 Rev 1
Figure 21 shows an example of a compensation network stabilizing the system with ceramic
capacitors at the output (the optimum component value depends on the application).
Figure 21. MLCC compensation network example
8.9
External SOFT_START network
At the start-up the device can quickly increase the current up to the current limit in order to
charge the output capacitor. If soft ramp up of the output voltage is required, an external
soft-start network can be implemented as shown in Figure 22. The capacitor C is charged
up to an external reference through R and the BJT clamps the COMP pin.
This clamps the duty cycle, limiting the slew rate of the output voltage.
Figure 22. Soft-start network example
R5973AD
R5973AD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38