Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R5973AD Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce R5973AD
Description  Up to 1.5 A step-down switching regulator for aerospace applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R5973AD Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button R5973AD Datasheet HTML 2Page - STMicroelectronics R5973AD Datasheet HTML 3Page - STMicroelectronics R5973AD Datasheet HTML 4Page - STMicroelectronics R5973AD Datasheet HTML 5Page - STMicroelectronics R5973AD Datasheet HTML 6Page - STMicroelectronics R5973AD Datasheet HTML 7Page - STMicroelectronics R5973AD Datasheet HTML 8Page - STMicroelectronics R5973AD Datasheet HTML 9Page - STMicroelectronics R5973AD Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
Electrical characteristics
R5973AD
6/38
DocID027027 Rev 1
3
Electrical characteristics
TJ = -40 °C to 125 °C, VCC = 12 V, unless otherwise specified.
Table 4. Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VCC
Operating input voltage range
4
36
V
RDS(on)
MOSFET on resistance
0.250
0.5
IL
Maximum limiting current(1)
VCC = 5 V
1.8
2.3
A
VCC = 5 V, TJ = 25 °C
2
2.3
fSW
Switching frequency
425
500
575
kHz
Duty cycle
0
100
%
Dynamic characteristics
V5
Voltage feedback
4.4 V < VCC < 36 V
1.198
1.235
1.272
V
h
Efficiency
V0 = 5 V, VCC = 12 V
90
%
DC characteristics
Iqop
Total operating quiescent
current
57
mA
Iq
Quiescent current
Duty cycle = 0; VFB = 1.5 V
2.7
mA
Iqst-by
Total standby quiescent current
Vinh > 2.2 V
50
100
A
Inhibit
INH threshold voltage
Device ON
0.8
V
Device OFF
2.2
V
Error amplifier
VOH
High level output voltage
VFB = 1 V
3.5
V
VOL
Low level output voltage
VFB = 1.5 V
0.4
V
Io source
Source output current
VCOMP = 1.9 V; VFB = 1 V
190
300
A
Io sink
Sink output current
VCOMP = 1.9 V; VFB = 1.5 V
1
1.5
mA
Ib
Source bias current
2.5
4
A
DC open loop gain
RL =
50
57
dB
gm
Transconductance
ICOMP = -0.1 mA to 0.1 mA;
VCOMP = 1.9 V
2.3
mS
Synch function
High input voltage
VCC = 4.4 to 36 V
2.5
VREF
V
Low input voltage
VCC = 4.4 to 36 V
0.74
V
Slave synch current(2)
Vsynch = 0.74 V, Vsynch = 2.33 V
0.11
0.21
0.25
0.45
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com