Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB2250I Fiches technique(PDF) 19 Page - Microchip Technology

No de pièce USB2250I
Description  Ultra Fast USB 2.0 Multi-Slot Flash Media Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2250I Fiches technique(HTML) 19 Page - Microchip Technology

Back Button USB2250I Datasheet HTML 15Page - Microchip Technology USB2250I Datasheet HTML 16Page - Microchip Technology USB2250I Datasheet HTML 17Page - Microchip Technology USB2250I Datasheet HTML 18Page - Microchip Technology USB2250I Datasheet HTML 19Page - Microchip Technology USB2250I Datasheet HTML 20Page - Microchip Technology USB2250I Datasheet HTML 21Page - Microchip Technology USB2250I Datasheet HTML 22Page - Microchip Technology USB2250I Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
 2009 - 2015 Microchip Technology Inc.
DS00002005A-page 19
USB2250/50i/51/51i
119
CF_DMACK
None
0--
20
SD_CMD
SD
z--
117
CF_DMARQ
None
0--
34
MD3
MA
zpu
12
SD_D0
SD
z--
18
SD_CLK
SD
z--
10
SD_D1
SD
z--
31
MD4
MA
zpu
23
SD_D2
SD
z--
30
MD5
MA
zpu
22
SD_D3
SD
z--
29
MD6
MA
zpu
21
SD_D4
SD
z--
33
MD7
MA
zpu
19
SD_D5
SD
z--
115
nMRD
MA
1--
11
SD_D6
SD
z--
26
nMCE
MA
1--
13
SD_D7
SD
z--
120
LED
None
0--
105
SD_WP
None
0--
118
SCL / xD_ID
None
0--
32
SD_nCD
None
IP
pu
14
CRD_PWR0
None
z--
27
MA0 / CLK_SEL0
MA
IP
pd
78
CRD_PWR1
None
z--
25
MA1 / CLK_SEL1
MA
IP
pd
76
CRD_PWR2
None
z--
116
MA2
MA
IP
pd
16
CRD_PWR3
None
z--
114
MA3
MA
IP
pd
103
TEST
TEST
IP
--
112
MA4
MA
0--
64
nRESET
nRESET
IP
--
110
MA5
MA
0--
1MA12
MA
0--
108
MA6
MA
0--
4MA14
MA
0--
106
MA7
MA
0--
2MA15
MA
0--
109
MA8
MA
0--
3nMWR
MA
1--
111
MA9
MA
0--
121
VBUS_DET
None
IP
--
24
MA10
MA
0--
5
SDA
None
0pu
113
MA11
MA
0--
55
SM_nRE
SM
z--
107
MA13
MA
0--
48
SM_nWE
SM
z--
28
MA16
MA
0--
56
SM_nB/R
SM
z--
37
MD0
MA
zpu
54
SM_nCE
SM
z--
TABLE 6-2:
USB2250/50I/51/51I 128-PIN RESET STATES (CONTINUED)
Reset State
Reset State
Pin
Pin Name
Function
Input/
Out-
put
PU/
PD
Pin
Pin Name
Function
Input/
Out-
put
PU/
PD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43