Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB2250I Fiches technique(PDF) 38 Page - Microchip Technology

No de pièce USB2250I
Description  Ultra Fast USB 2.0 Multi-Slot Flash Media Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2250I Fiches technique(HTML) 38 Page - Microchip Technology

Back Button USB2250I Datasheet HTML 34Page - Microchip Technology USB2250I Datasheet HTML 35Page - Microchip Technology USB2250I Datasheet HTML 36Page - Microchip Technology USB2250I Datasheet HTML 37Page - Microchip Technology USB2250I Datasheet HTML 38Page - Microchip Technology USB2250I Datasheet HTML 39Page - Microchip Technology USB2250I Datasheet HTML 40Page - Microchip Technology USB2250I Datasheet HTML 41Page - Microchip Technology USB2250I Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 43 page
background image
 2009 - 2015 Microchip Technology Inc.
DS00002005A-page 38
USB2250/50i/51/51i
10.0
PACKAGE OUTLINE
FIGURE 10-1:
128-PIN VTQFP, 14X14X1.0 MM BODY, 2.0 MM PITCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43