Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LAN9500AI Fiches technique(PDF) 198 Page - Microchip Technology

No de pièce LAN9500AI
Description  LAN950x USB 2.0 to 10/100 Ethernet Controller
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9500AI Fiches technique(HTML) 198 Page - Microchip Technology

Back Button LAN9500AI Datasheet HTML 194Page - Microchip Technology LAN9500AI Datasheet HTML 195Page - Microchip Technology LAN9500AI Datasheet HTML 196Page - Microchip Technology LAN9500AI Datasheet HTML 197Page - Microchip Technology LAN9500AI Datasheet HTML 198Page - Microchip Technology LAN9500AI Datasheet HTML 199Page - Microchip Technology LAN9500AI Datasheet HTML 200Page - Microchip Technology LAN9500AI Datasheet HTML 201Page - Microchip Technology LAN9500AI Datasheet HTML 202Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 213 page
background image
LAN950x
DS00001875A-page 198
 2010 - 2015 Microchip Technology Inc.
8.5.4
EEPROM TIMING
The following specifies the EEPROM timing requirements for the device:
FIGURE 8-4:
EEPROM TIMING
TABLE 8-17:
EEPROM TIMING VALUES
Symbol
Description
MIN
TYP
MAX
Units
tckcyc
EECLK Cycle time
1110
1130
ns
tckh
EECLK High time
550
570
ns
tckl
EECLK Low time
550
570
ns
tcshckh
EECS high before rising edge of EECLK
1070
ns
tcklcsl
EECLK falling edge to EECS low
30
ns
tdvckh
EEDO valid before rising edge of EECLK
550
ns
tckhdis
EEDO disable after rising edge EECLK
550
ns
tdsckh
EEDI setup to rising edge of EECLK
90
ns
tdhckh
EEDI hold after rising edge of EECLK
0
ns
tckldis
EECLK low to data disable (OUTPUT)
580
ns
tcshdv
EEDIO valid after EECS high (VERIFY)
600
ns
tdhcsl
EEDIO hold after EECS low (VERIFY)
0
ns
tcsl
EECS low
1070
ns
EECLK
EEDO
EEDI
EECS
tckldis
tcshckh
EEDI (VERIFY)
tckh
tckl
tckcyc
tcklcsl
tcsl
tdvckh tckhdis
tdsckh
tdhckh
tdhcsl
tcshdv



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More