| Moteur de recherche de fiches techniques de composants électroniques |
|
LAN9500AI Fiches technique(PDF) 192 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN9500AI Fiches technique(HTML) 192 Page - Microchip Technology |
|
192 / 213 page ![]() LAN950x DS00001875A-page 192 2010 - 2015 Microchip Technology Inc. 8.3.6 CUSTOMER EVALUATION BOARD OPERATIONAL CURRENT CONSUMPTION*** ***Total system current consumption as measured on the 5V USB VBUS input to a bus-powered Customer Evaluation Board, where VBUS = 5.0V and VDD33IO = VDD33A = 3.3V. Power Dissipation (Device and Ethernet components) 356 mW 10BASE-T Full Duplex (USB Full-Speed) Supply current (VDD33IO, VDD33A) (Device Only) 43 mA Power Dissipation (Device Only) 142 mW Power Dissipation (Device and Ethernet components) 483 mW TABLE 8-10: CEB OPERATIONAL CURRENT CONSUMPTION (LAN9500/LAN9500I) Parameter MIN Typical MAX Unit 100BASE-TX Full Duplex (USB High-Speed) Total Microchip Customer Evaluation Board Current Consumption 208 mA TABLE 8-11: CEB OPERATIONAL CURRENT CONSUMPTION (LAN9500A/LAN9500AI) Parameter MIN Typical MAX Unit 100BASE-TX Full Duplex (USB High-Speed) Total Microchip Customer Evaluation Board Current Consumption 150 mA TABLE 8-9: OPERATIONAL POWER CONSUMPTION/DISSIPATION (LAN9500A/LAN9500AI) Parameter MIN Typical MAX Unit |