| Moteur de recherche de fiches techniques de composants électroniques |
|
LAN9500AI Fiches technique(PDF) 186 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN9500AI Fiches technique(HTML) 186 Page - Microchip Technology |
|
186 / 213 page ![]() LAN950x DS00001875A-page 186 2010 - 2015 Microchip Technology Inc. 7.5.12 INTERRUPT SOURCE FLAG REGISTER Index (In Decimal): 29 Size: 16 bits Bits Description Type Default 15:8 RESERVED RO - 7 INT7 0 = not source of interrupt 1 = ENERGYON generated RO/LH 0b 6 INT6 0 = not source of interrupt 1 = Auto-Negotiation complete RO/LH 0b 5 INT5 0 = not source of interrupt 1 = Remote Fault Detected RO/LH 0b 4 INT4 0 = not source of interrupt 1 = Link Down (link status negated RO/LH 0b 3 INT3 0 = not source of interrupt 1 = Auto-Negotiation LP Acknowledge RO/LH 0b 2 INT2 0 = not source of interrupt 1 = Parallel Detection Fault RO/LH 0b 1 INT1 0 = not source of interrupt 1 = Auto-Negotiation Page Received RO/LH 0b 0 RESERVED RO 0b |