Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LAN9500AI Fiches technique(PDF) 166 Page - Microchip Technology

No de pièce LAN9500AI
Description  LAN950x USB 2.0 to 10/100 Ethernet Controller
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9500AI Fiches technique(HTML) 166 Page - Microchip Technology

Back Button LAN9500AI Datasheet HTML 162Page - Microchip Technology LAN9500AI Datasheet HTML 163Page - Microchip Technology LAN9500AI Datasheet HTML 164Page - Microchip Technology LAN9500AI Datasheet HTML 165Page - Microchip Technology LAN9500AI Datasheet HTML 166Page - Microchip Technology LAN9500AI Datasheet HTML 167Page - Microchip Technology LAN9500AI Datasheet HTML 168Page - Microchip Technology LAN9500AI Datasheet HTML 169Page - Microchip Technology LAN9500AI Datasheet HTML 170Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 213 page
background image
LAN950x
DS00001875A-page 166
 2010 - 2015 Microchip Technology Inc.
7.4.6
MII ACCESS REGISTER (MII_ACCESS)
This register is used to control the management cycles to the internal PHY.
Address:
114h
Size:
32 bits
Bits
Description
Type
Default
31:16
RESERVED
RO
-
15:11
PHY Address
For every access to this register, this field must be set to 00001b.
R/W
00000b
10:6
MII Register Index (MIIRINDA)
These bits select the desired MII register in the PHY.
R/W
00000b
5:2
RESERVED
RO
-
1
MII Write (MIIWnR)
Setting this bit tells the PHY that this will be a write operation using the MII
data register. If this bit is not set, this will be a read operation, packing the
data in the MII data register.
R/W
0b
0
MII Busy (MIIBZY)
This bit must be polled to determine when the MII register access is
complete. This bit must read a logical 0 before writing to this register or to
the MII data register. The LAN driver software must set (1) this bit in order
for the Host to read or write any of the MII PHY registers.
During a MII register access, this bit will be set, signifying a read or write
access is in progress. The MII data register must be kept valid until the MAC
clears this bit during a PHY write operation. The MII data register is invalid
until the MAC has cleared this bit during a PHY read operation.
SC
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More