Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LAN9500AI Fiches technique(PDF) 151 Page - Microchip Technology

No de pièce LAN9500AI
Description  LAN950x USB 2.0 to 10/100 Ethernet Controller
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9500AI Fiches technique(HTML) 151 Page - Microchip Technology

Back Button LAN9500AI Datasheet HTML 147Page - Microchip Technology LAN9500AI Datasheet HTML 148Page - Microchip Technology LAN9500AI Datasheet HTML 149Page - Microchip Technology LAN9500AI Datasheet HTML 150Page - Microchip Technology LAN9500AI Datasheet HTML 151Page - Microchip Technology LAN9500AI Datasheet HTML 152Page - Microchip Technology LAN9500AI Datasheet HTML 153Page - Microchip Technology LAN9500AI Datasheet HTML 154Page - Microchip Technology LAN9500AI Datasheet HTML 155Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 213 page
background image
 2010 - 2015 Microchip Technology Inc.
DS00001875A-page 151
LAN950x
7.3.25
TRANSMIT FIFO LEVEL DEBUG REGISTER (DBG_TX_FIFO_LVL)
Address:
078h
Size:
32 bits
Bits
Description
Type
Default
31:28
RESERVED
RO
-
27:16
TX FIFO Read Level (TXRDLVL)
This is a DWORD count defined as follows:
The count is increased by the number of DWORDs contained in the packet
after the ENTIRE packet has been written into the FIFO.
As a packet is read from the FIFO, it is decremented each time a DWORD
is read.
Note:
Rewinds not supported.
RO
000h
15:12
RESERVED
RO
-
11:0
TX FIFO Write Level (TXWRLVL)
This is a DWORD count defined as follows:
As a packet is written into the FIFO, it is incremented each time a DWORD
is written.
Whenever a COMPLETE packet has been read from the FIFO, it is
decreased by the number of DWORDs contained in the packet.
On rewind, it is decreased by the number of DWORDs of the packet that has
currently been transferred into the FIFO.
Note:
Write side rewinds are supported, i.e., if a USB packet is received
with an error, the packet is rewound out and re-received from the
host.
RO
000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More