Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LAN9500AI Fiches technique(PDF) 135 Page - Microchip Technology

No de pièce LAN9500AI
Description  LAN950x USB 2.0 to 10/100 Ethernet Controller
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9500AI Fiches technique(HTML) 135 Page - Microchip Technology

Back Button LAN9500AI Datasheet HTML 131Page - Microchip Technology LAN9500AI Datasheet HTML 132Page - Microchip Technology LAN9500AI Datasheet HTML 133Page - Microchip Technology LAN9500AI Datasheet HTML 134Page - Microchip Technology LAN9500AI Datasheet HTML 135Page - Microchip Technology LAN9500AI Datasheet HTML 136Page - Microchip Technology LAN9500AI Datasheet HTML 137Page - Microchip Technology LAN9500AI Datasheet HTML 138Page - Microchip Technology LAN9500AI Datasheet HTML 139Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 213 page
background image
 2010 - 2015 Microchip Technology Inc.
DS00001875A-page 135
LAN950x
0
Flow Control on Any Frame (FCANY)
When this bit is set, the device will assert back pressure, or transmit a pause
frame when the AFC level is reached and any frame is received. Setting this
bit enables full-duplex flow control when the device is operating in full-duplex
mode.
When this mode is enabled during half-duplex operation, the Flow Controller
does not decode the MAC address and will send a pause frame upon receipt
of a valid preamble (i.e., immediately at the beginning of the next frame after
the RX Data FIFO level is reached).
When this mode is enabled during full-duplex operation, the Flow Controller
will immediately instruct the MAC to send a pause frame when the RX Data
FIFO level is reached. The MAC will queue the pause frame transmission for
the next available window.
Setting this bit overrides bits [3:1] of this register.
R/W
0b
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More