Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LAN8710AI Fiches technique(PDF) 82 Page - Microchip Technology

No de pièce LAN8710AI
Description  Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8710AI Fiches technique(HTML) 82 Page - Microchip Technology

Back Button LAN8710AI Datasheet HTML 74Page - Microchip Technology LAN8710AI Datasheet HTML 75Page - Microchip Technology LAN8710AI Datasheet HTML 76Page - Microchip Technology LAN8710AI Datasheet HTML 77Page - Microchip Technology LAN8710AI Datasheet HTML 78Page - Microchip Technology LAN8710AI Datasheet HTML 79Page - Microchip Technology LAN8710AI Datasheet HTML 80Page - Microchip Technology LAN8710AI Datasheet HTML 81Page - Microchip Technology LAN8710AI Datasheet HTML 82Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 82 / 82 page
background image
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology
Datasheet
Revision 1.4 (08-23-12)
82
SMSC LAN8710A/LAN8710Ai
DATASHEET
Section 5.5.4, "MII Interface
Timing," on page 73
Corrected signal names on MII timing diagrams
and tables. Updated Table 5.8 tval max to 28.0 ns.
Updated Table 5.9 tsu and thold values to 12.0 ns
and 0 ns, respectively.
Table 5.7, “Power-On nRST
& Configuration Strap
Timing Values,” on page 72
Updated todad description: “Output drive after
nRST deassertion”
Rev. 1.1 (04-09-10)
Section 5.1, "Absolute
Maximum Ratings*"
Modified “HBM ESD Performance by adding “per
JEDEC JESD22-A114” and changed “+/-5kV” to
“Class 3A”
Section 5.3, "Power
Consumption," on page 67
Corrected typo in the current consumption table
row title: “100BASE-TX /W TRAFFIC”
Section 5.3, "Power
Consumption," on page 67
Corrected typo in note regarding Ethernet
component current:
“The Ethernet component current is typically 41mA
in 100BASE-TX mode and 100mA in 10BASE-T
mode, independent of the 2.5V or 3.3V supply rail
of the transformer.”
Table 5.2, “Non-Variable I/O
Buffer Characteristics,” on
page 68
Corrected O12 VOH minimum value to “VDD2A -
0.4”
Corrected ICLK VILI maximum value to “0.35”
Corrected ICLK VIHI maximum value to “VDD2A +
0.4”
Section 5.2, "Operating
Conditions**," on page 67
Added note: “Do not drive input signals without
power supplied to the device.”
Section 5.1, "Absolute
Maximum Ratings*," on
page 66
Corrected IEC61000-4-2 Contact Discharge ESD
Performance to +/-8kV.
Section 4.2.4, "PHY
Identifier 2 Register," on
page 55
Corrected Model Number default value to
“001111b”.
Section 3.8.9.2, "Far
Loopback," on page 43
Added far loopback description.
Section 4.2.8, "Mode
Control/Status Register," on
page 59
Added FARLOOPBACK (bit 9) description.
Table 5.9, “MII Transmit
Timing Values,” on page 74
Corrected tsu and thold minimum values to 10 ns.
Rev. 1.0 (12-09-09)
Document reworked for clarity and consistency with other SMSC documentation.
Rev. 1.0 (04-15-09)
Initial Release
Table 7.1 Customer Revision History (continued)
REVISION LEVEL & DATE
SECTION/FIGURE/ENTRY
CORRECTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82