Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LAN8710AI Fiches technique(PDF) 32 Page - Microchip Technology

No de pièce LAN8710AI
Description  Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8710AI Fiches technique(HTML) 32 Page - Microchip Technology

Back Button LAN8710AI Datasheet HTML 28Page - Microchip Technology LAN8710AI Datasheet HTML 29Page - Microchip Technology LAN8710AI Datasheet HTML 30Page - Microchip Technology LAN8710AI Datasheet HTML 31Page - Microchip Technology LAN8710AI Datasheet HTML 32Page - Microchip Technology LAN8710AI Datasheet HTML 33Page - Microchip Technology LAN8710AI Datasheet HTML 34Page - Microchip Technology LAN8710AI Datasheet HTML 35Page - Microchip Technology LAN8710AI Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 82 page
background image
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology
Datasheet
Revision 1.4 (08-23-12)
32
SMSC LAN8710A/LAN8710Ai
DATASHEET
Note 3.1
In RMII mode, this pin needs to tied to VSS.
Note 3.2
The RXER signal is optional on the RMII bus. This signal is required by the transceiver,
but it is optional for the MAC. The MAC can choose to ignore or not use this signal.
Table 3.2 MII/RMII Signal Mapping
PIN NAME
MII MODE
RMII MODE
TXD0
TXD0
TXD0
TXD1
TXD1
TXD1
TXEN
TXEN
TXEN
RXER/
RXD4/PHYAD0
RXER
RXER
Note 3.2
COL/CRS_DV/MODE2
COL
CRS_DV
RXD0/MODE0
RXD0
RXD0
RXD1/MODE1
RXD1
RXD1
TXD2
TXD2
Note 3.1
TXD3
TXD3
Note 3.1
nINT/TXER/TXD4
TXER/
TXD4
CRS
CRS
RXDV
RXDV
RXD2/RMIISEL
RXD2
RXD3/PHYAD2
RXD3
TXCLK
TXCLK
RXCLK/PHYAD1
RXCLK
XTAL1/CLKIN
XTAL1/CLKIN
REF_CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82