Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB4604 Fiches technique(PDF) 14 Page - Microchip Technology

No de pièce USB4604
Description  USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4604 Fiches technique(HTML) 14 Page - Microchip Technology

Back Button USB4604 Datasheet HTML 10Page - Microchip Technology USB4604 Datasheet HTML 11Page - Microchip Technology USB4604 Datasheet HTML 12Page - Microchip Technology USB4604 Datasheet HTML 13Page - Microchip Technology USB4604 Datasheet HTML 14Page - Microchip Technology USB4604 Datasheet HTML 15Page - Microchip Technology USB4604 Datasheet HTML 16Page - Microchip Technology USB4604 Datasheet HTML 17Page - Microchip Technology USB4604 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 62 page
background image
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
Datasheet
DS00001716A-page 14
 2014 Microchip Technology Inc.
1
Downstream
USB D-
(Swap Port 1)
SWAP_USBDN1_DM
AIO
Downstream USB Port 1 D- data signal.
Note:
The downstream Port 1 signals can be
optionally swapped with the upstream
Port 0 signals.
Port 1 D-
Disable
Configuration
Strap
PRT_DIS_M1
IS
This strap is used in conjunction with
PRT_DIS_P1 to disable USB Port 1.
0 = Port 1 D- Enabled
1 = Port 1 D- Disabled
Note:
Both PRT_DIS_P1 and PRT_DIS_M1
must be tied to VDD33 at reset to
disable the associated port.
See Note 3.3 for more information on
configuration straps.
1
Downstream
USB D+
(Port 2)
USBDN2_DP
AIO
Downstream USB Port 2 D+ data signal.
Port 2 D+
Disable
Configuration
Strap
PRT_DIS_P2
IS
This strap is used in conjunction with
PRT_DIS_M2 to disable USB Port 2.
0 = Port 2 D+ Enabled
1 = Port 2 D+ Disabled
Note:
Both PRT_DIS_P2 and PRT_DIS_M2
must be tied to VDD33 at reset to
disable the associated port.
See Note 3.3 for more information on
configuration straps.
1
Downstream
USB D-
(Port 2)
USBDN2_DM
AIO
Downstream USB Port 2 D- data signal.
Port 2 D-
Disable
Configuration
Strap
PRT_DIS_M2
IS
This strap is used in conjunction with
PRT_DIS_P2 to disable USB Port 2.
0 = Port 2 D- Enabled
1 = Port 2 D- Disabled
Note:
Both PRT_DIS_P2 and PRT_DIS_M2
must be tied to VDD33 at reset to
disable the associated port.
See Note 3.3 for more information on
configuration straps.
Table 3.1 Pin Descriptions (continued)
NUM PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62