Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB4604 Fiches technique(PDF) 27 Page - Microchip Technology

No de pièce USB4604
Description  USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4604 Fiches technique(HTML) 27 Page - Microchip Technology

Back Button USB4604 Datasheet HTML 23Page - Microchip Technology USB4604 Datasheet HTML 24Page - Microchip Technology USB4604 Datasheet HTML 25Page - Microchip Technology USB4604 Datasheet HTML 26Page - Microchip Technology USB4604 Datasheet HTML 27Page - Microchip Technology USB4604 Datasheet HTML 28Page - Microchip Technology USB4604 Datasheet HTML 29Page - Microchip Technology USB4604 Datasheet HTML 30Page - Microchip Technology USB4604 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 62 page
background image
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
Datasheet
 2014 Microchip Technology Inc.
DS00001716A-page 27
Figure 5.1 Hub Operational Mode Flowchart
YES
NO
Combine OTP
Config Data
SOC Done?
Config Load
From Internal ROM
External
SPI ROM
present?
YES
NO
Run from
Internal ROM
Run From
External SPI ROM
Do SMBus or I2C
Initialization
SW Upstream
BC detection
(CHGDET)
Hub Connect
(Hub.Connect)
(CONFIG)
NO
(SOC_CFG)
(SW_INIT)
Normal
operation
SMBus or I2C
Present?
YES
(HW_INIT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62