| Moteur de recherche de fiches techniques de composants électroniques |
|
USB3803 Fiches technique(PDF) 89 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB3803 Fiches technique(HTML) 89 Page - Microchip Technology |
|
89 / 99 page ![]() 2014-2015 Microchip Technology Inc. DS00001691B-page 89 USB3803 FIGURE 11-3: APPLICATION WITH USB PORT ACCESS TO THREE INTERNAL DEVICES RBIAS RBIAS USBDN1_DP USBDN1_DM USBDN2_DM USBDN2_DP INT_N HUB_CONNECT SDA SCL REFCLK VDD_I2C RPU1 RPU1 USB3803 VSS VDD33_BYP VDD_CORE_REG VDD12_BYP CVDD12BYP CVDD33BYP COUT COUT +1.8V VBAT VBAT VDD33_BYP Connect pins to either VDD33_BYP or GND. I2C_ASEL0 I2C_ASEL1 REF_SEL0 REF_SEL1 USBDN3_DM USBDN3_DP USBUP_DM USBUP_DP VDD_INTN RPU2 BYPASS_N RESET_N PMIC 3G Baseband Processor Applications Processor VBUS DP DM GND VBUS Audio Codec From Applications Processor Note: Grounding HUB_CONNECT requires that SP_ILOCK register bit connect_n be cleared to allow hub to exit Hub Connect Stage. |