| Moteur de recherche de fiches techniques de composants électroniques |
|
USB3803 Fiches technique(PDF) 87 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB3803 Fiches technique(HTML) 87 Page - Microchip Technology |
|
87 / 99 page ![]() 2014-2015 Microchip Technology Inc. DS00001691B-page 87 USB3803 FIGURE 11-1: INTERNAL CHIP-TO-CHIP INTERFACE RBIAS RBIAS USBDN3_DP USBDN3_DM USBDN2_DM USBDN2_DP INT_N HUB_CONNECT SDA SCL REFCLK VDD_I2C RPU1 RPU1 USB3803 VSS VDD33_BYP VDD_CORE_REG VDD12_BYP CVDD12BYP CVDD33BYP COUT COUT +1.8V VBAT VBAT VDD33_BYP Connect pins to either VDD33_BYP or GND. I2C_ASEL0 I2C_ASEL1 REF_SEL0 REF_SEL1 USBDN1_DM USBDN1_DP USBUP_DM USBUP_DP VDD_INTN RPU2 BYPASS_N RESET_N Applications Processor 3G Baseband Processor LTE Baseband Processor VDD33_BYP Port 1 Disabled |