Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB2532 Fiches technique(PDF) 18 Page - Microchip Technology

No de pièce USB2532
Description  USB 2.0 Hi-Speed 2-Port Hub Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2532 Fiches technique(HTML) 18 Page - Microchip Technology

Back Button USB2532 Datasheet HTML 14Page - Microchip Technology USB2532 Datasheet HTML 15Page - Microchip Technology USB2532 Datasheet HTML 16Page - Microchip Technology USB2532 Datasheet HTML 17Page - Microchip Technology USB2532 Datasheet HTML 18Page - Microchip Technology USB2532 Datasheet HTML 19Page - Microchip Technology USB2532 Datasheet HTML 20Page - Microchip Technology USB2532 Datasheet HTML 21Page - Microchip Technology USB2532 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
USB 2.0 Hi-Speed 2-Port Hub Controller
Datasheet
DS00001701A-page 18
 2014 Microchip Technology Inc.
3.2
Pin Assignments
Table 3.2 36-SQFN Package Pin Assignments
PIN
NUM
PIN NAME
PIN
NUM
PIN NAME
1
SWAP_USBDN1_DM/PRT_DIS_M1
19
UART_RX/
2
SWAP_USBDN1_DP/PRT_DIS_P1
20
NC
3
USBDN2_DM/PRT_DIS_M2
21
UART_TX/
4
USBDN2_DP/PRT_DIS_P2
22
SDA/SMBDATA/NON_REM1
5
NC
23
VDD33
6
NC
24
SCL/SMBCLK/CFG_SEL0
7
NC
25
HS_IND/CFG_SEL1
8
NC
26
RESET_N
9
NC
27
VBUS_DET
10
VDDA33
28
SUSP_IND/LOCAL_PWR/NON_REM0
11
LED0
29
VDDA33
12
PRTPWR1/PRTCTL1/BC_EN1
30
FLEX_USBUP_DM
13
OCS1_N
31
FLEX_USBUP_DP
14
VDDCR12
32
XTAL2
15
VDD33
33
XTAL1/REFCLK
16
PRTPWR2/PRTCTL2/BC_EN2
34
NC
17
OCS2_N
35
RBIAS
18
NC
36
VDDA33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50