| Moteur de recherche de fiches techniques de composants électroniques |
|
USB2532 Fiches technique(PDF) 29 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB2532 Fiches technique(HTML) 29 Page - Microchip Technology |
|
29 / 50 page ![]() USB 2.0 Hi-Speed 2-Port Hub Controller Datasheet 2014 Microchip Technology Inc. DS00001701A-page 29 6.3.4 Port Disable (PRT_DIS_Mx/PRT_DIS_Px) These configuration straps disable the associated USB ports D- and D+ signals, respectively, where “x” is the USB port number. Both the negative “M” and positive “P” port disable configuration straps for a given USB port must be tied high at reset to disable the associated port. Table 6.3 PRT_DIS_Mx/PRT_DIS_Px Configuration Definitions PRT_DIS_MX/PRT_DIS_PX DEFINITION ‘0’ Port x D-/D+ Signal is Enabled (Default) ‘1’ Port x D-/D+ Signal is Disabled |